PART |
Description |
Maker |
BC618 ON0154 BC618RL BC618ZL1 |
Darlington Transistor NPN From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Darlington Transistors(NPN Silicon) 1000 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|
D40C4 D45D2 D45D4 D45D6 D40C7 D40K4 D44D5 |
TRANSISTOR | BJT | DARLINGTON | NPN | 40V V(BR)CEO | 500MA I(C) | TO-202AC TRANSISTOR | BJT | DARLINGTON | PNP | 50V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 70V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | PNP | 90V V(BR)CEO | 6A I(C) | TO-220AB TRANSISTOR | BJT | DARLINGTON | NPN | 50V V(BR)CEO | 500MA I(C) | TO-202 TRANSISTOR | BJT | DARLINGTON | NPN | 50V V(BR)CEO | 2A I(C) | TO-202AC TRANSISTOR | BJT | DARLINGTON | NPN | 80V V(BR)CEO | 6A I(C) | TO-220AB 晶体管|晶体管|达林顿|叩| 80V的五(巴西)总裁| 6A条一(c)| TO - 220AB现有
|
Vishay Intertechnology, Inc.
|
2SD768K |
Silicon NPN Darlington Transistor TRANSISTOR | BJT | DARLINGTON | NPN | 120V V(BR)CEO | 6A I(C) | TO-220AB
|
Hitachi Semiconductor
|
2SD2242/2SD2242A 2SD2242Q |
2SD2242. 2SD2242A - NPN Transistor Darlington TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 4A I(C) | TO-126VAR 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁| 4A条一(c)|26VAR
|
Panasonic, Corp.
|
JANTXV2N7370 2N7370 JAN2N7370 JANTX2N7370 |
NPN Darlington Transistor NPN DARLINGTON HIGH POWER SILICON TRANSISTOR 12 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-254AA
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
FMMT38A FMMT38B FMMT38C |
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS NPN Darlington Transistor
|
Zetex Semiconductors
|
SLA4340 |
PNP NPN Darlington Transistor (H-Hridge)(PNP NPN达林顿晶体管H桥)) 4 A, 60 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR PNP NPN Darlington H-bridge
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2N6283 JANTX2N6283 JANTX2N6284 JAN2N6283 JAN2N6284 |
NPN Darlington Transistor NPN DARLINGTON POWER SILICON TRANSISTOR
|
MICROSEMI[Microsemi Corporation]
|
GMPSA13 |
The GMPSA13 is designed for darlington applications requiring extremely high current gain at collector to 500mA NPN SILICON DARLINGTON TRANSISTOR
|
E-Tech Electronics LTD GTM CORPORATION
|
UPA1458 UPA1458H UPA1458H-AZ |
5 A, 70 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR SIP-10 NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
|
Micrel Semiconductor, Inc. NEC[NEC]
|
KTD1510 |
Triple Diffused NPN Transistor(Hign Power Amplifier,Darlington Transistor)(涓???╂?NPN?朵?绠★?澶у????澶у???揪??】?朵?绠★?)
|
KEC Holdings
|